Part Number Hot Search : 
SPC564 1946A AD7533LR 79L08 5DLCA 31023 46S133PF 5STP63
Product Description
Full Text Search
 

To Download ALC10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rohs complian t ALC10 series 85c ? c ompact size ? l ong l ife, 18000 hours at 85c (u r, i r applied) ? h igh ripple current ? excellent surge voltage capability ? o ptimized designs available on request app lication b asic design spe cification s tandards iec 60384-4 long life grade 40/85/56, c apacitance range 56 C 82000 f c apacitance tolerance C20 to +20% r ated voltage u r 40C500 vdc s urge voltage u s 1.15 x u r (for u r < 250 vdc) 1.10 x u r (for u r > 350 vdc) s urge voltage u ss (s hort duration) l eakage current i l = 0.006 x c r x u r (a) or 6ma whichever is the smaller. note, c r is in f. o perational life time +85c, u r , i r +85c, u r shelf life 2000 hrs at 0v +85c, or 30000 hrs at 0v +40c t emperature range C40 to +85c (operating) -55c to +85c (storage) can diameter 25 10000 hrs 30 13000 hrs 35 15000 hrs 40, 45, 50 18000 hrs end of life requirement: c/c < 10% esr < 2 x initial esr value i l < initial specified limit can diameter 25 16000 hrs 30 21000 hrs 35 24000 hrs 40, 45, 50 29000 hrs u r u ss 200 350 250 400 350 500 400 520 415 530 450 550 500 600 test condition: < 500ms surge, 100 cycles @ 20c test condition: < 30s surge, 1000 cycles @ 85c test condition: u r , 5mins., 20c the ALC10 series of snap-in capacitors cover a wide range of case sizes and voltage ratings featuring high ripple current and surge voltage capability and very long life performance. they are ideally suited for industrial and commercial applications demanding high reliability and long life expectancy such as frequency converters, ups systems and switch mode power supplies.
8 kemet electrolytic capacitors l ?d style a = 6.3 1 style d = 4.0 1 2 0.1 10 0.1 + 2.0max 3.75 - ve 30 4holes ?20.1 on a ?22.5pcd + ve 30 + _ 2.0max 3.75 +ve - ve 30 30 30 5holes ?20.1 on a ?25.0pcd style f = 4.0 1 - + ?2 0.1 typ 3.3 0.1 ?2.5 min 4.75 0.1 10 0.1 + ve style c = 6.3 1 style e = 4.0 1 - ve 30 4holes ?20.1 on a ?22.5pcd + ve 30 ++ - + style g = 6.3 1 style h = 4.0 style j style k 1 +ve - ve 30 30 30 5holes ?20.1 on a ?25.0pcd description 2 pin 2 pin 3 pin 4 pin 4 pin 5 pin 5 pin 4 pin 5 pin pin length 6.31 4.01 4.01 6.31 4.01 6.31 4.01 5.75 5.75 code a d f c e g h j k dia. mm -0+1 spe cification t erminal style ALC10 85c 25 ? ? ? 30 ? ? ? 35 ? ? ? ? ? ? 40 ? ? ? ? ? ? ? ? 45 ? ? ? ? 50 ? ? ? ? ? mounting these capacitors are designed to be mounted by their terminations alone, and may be used in any position. dummy pins must be isolated on 4 and 5 pin styles. 25 bb (28) bc (30) bd (35) 30 cb (35) cc (40) cd (45) ce (50) cf (55) 35 db (42) dc (50) dd (55) de (65) df (70) dg (75) dh (80) dl (105) 40 eb (49) ec (57) ed (65) ee (80) ef (82) eg (95) eh (98) el (131) ep (170) 45 fb (62) fc (72) fd (82) fe (92) ff (103) fg (113) fh (123) fl (164) fp (215) 50 kb (75) kc (88) kd (100) ke (113) kf (126) kg (138) kh (151) kl (201) kp (264) other sizes available upon request l ength mm 2 30 35 40 45 50 55 60 80 105 3 0 35 40 45 50 55 60 80 105 35 40 45 50 55 60 80 105 dia. mm -0+1 dia. mm -0+1 case c ode (c omponent weight, grams - nominal)
ALC10 85c a rticle table alc 10 (85c) cap (f) case size (mm) esr (m w ) at 20 c 100h z (max) i mpedance (m w ) at 20 c 10 kh z (max) r ipple current(a ) at 85c t ype number 100 hz 10 khz 40 vdc ( u r ) 63 vdc ( u r ) 100 vdc ( u r ) t ermination style a,c,d,e,f ,g,h,j or k * 3900 25x30 125 103 2.33 2.53 ALC10a392bb040 4700 25x35 99 81 2.77 3.01 ALC10a472bc040 5600 30x30 115 94 2.74 2.98 ALC10a562cb040 5600 25x40 85 70 3.14 3.42 ALC10a562bd040 6800 30x35 90 74 3.26 3.55 ALC10a682cc040 8200 30x40 77 63 3.70 4.03 ALC10a822cd040 10000 35x35 86 71 3.69 4.01 ALC10a103dc040 12000 30x50 59 48 4.59 4.99 ALC10a123cf040 12000 35x40 75 62 4.14 4.50 ALC10a123dd040 15000 40x30 89 79 4.42 4.51 ALC10a153eb040 18000 35x50 55 45 5.23 5.69 ALC10a183df040 18000 40x35 78 70 4.88 4.97 ALC10a183ec040 22000 40x40 62 56 5.81 5.92 ALC10a223ed040 27000 40x50 43 38 7.23 7.36 ALC10a273ef040 33000 40x60 33 30 8.74 8.91 ALC10a333eh040 47000 40x80 23 21 10.96 11.17 ALC10a473el040 82000 40x105 18 17 12.63 13.44 ALC10a823ep040 2200 25x30 149 118 2.13 2.37 ALC10a222bb063 2700 25x35 128 101 2.43 2.70 ALC10a272bc063 3300 30x30 112 88 2.77 3.08 ALC10a332cb063 3300 25x40 112 88 2.73 3.04 ALC10a332bd063 4700 30x35 91 72 3.24 3.61 ALC10a472cc063 5600 30x40 83 66 3.56 3.96 ALC10a562cd063 6800 35x35 75 59 3.95 4.40 ALC10a682dc063 6800 30x50 75 59 4.07 4.53 ALC10a682cf063 8200 35x40 69 55 4.31 4.80 ALC10a822dd063 8200 40x30 82 72 3.95 4.03 ALC10a822eb063 10000 35x50 64 51 4.85 5.40 ALC10a103df063 10000 40x35 80 72 4.58 4.67 ALC10a103ec063 12000 40x40 64 57 5.42 5.55 ALC10a123ed063 15000 40x50 44 39 7.02 7.18 ALC10a153ef063 18000 40x60 35 31 8.54 8.75 ALC10a183eh063 27000 40x80 24 21 10.53 10.78 ALC10a273el063 39000 40x105 19 17 12.23 13.51 ALC10a393ep063 1000 25x30 243 182 1.67 2.04 ALC10a102bb100 1200 25x35 203 152 1.93 2.36 ALC10a122bc100 1500 30x40 163 122 2.30 2.81 ALC10a152cb100 1500 25x40 163 122 2.27 2.78 ALC10a152bd100 1800 30x35 137 103 2.64 3.23 ALC10a182cc100 2200 30x40 113 85 3.05 3.73 ALC10a222cd100 2700 35x35 92 69 3.57 4.37 ALC10a272dc100 2700 40x30 121 104 3.72 3.88 ALC10a272eb100 3300 30x50 76 57 4.05 4.95 ALC10a332cf100 3300 35x40 76 57 4.11 5.03 ALC10a332dd100 3300 40x35 106 92 4.09 4.24 ALC10a332ec100 3900 40x40 85 74 4.88 5.08 ALC10a392ed100 4700 35x50 55 41 5.23 6.40 ALC10a472df100
1 ALC10 85c a rticle table alc 10 (85c) cap (f) case size (mm) esr (m w) at 20 c 100h z (max) i mpedance (m w) at 20 c 10 kh z (max) r ipple current(a ) at 85c t ype number 100 hz 10 khz 100 vdc ( u r ) 200 vdc ( u r ) 250 vdc ( u r ) 4700 40x45 70 61 5.60 5.83 ALC10a472ee100 5600 40x50 59 51 6.41 6.68 ALC10a562ef100 6800 40x55 53 46 6.61 6.84 ALC10a682eg100 8200 40x60 44 39 7.36 7.61 ALC10a822eh100 12000 40x80 31 27 9.14 9.45 ALC10a123el100 18000 40x105 19 17 11.34 12.61 ALC10a183ep100 330 25x30 486 340 1.18 1.63 ALC10a331bb200 390 25x35 412 288 1.36 1.87 ALC10a391bc200 470 30x30 343 240 1.58 2.18 ALC10a471cb200 470 25x40 343 240 1.56 2.15 ALC10a471bd200 560 30x35 288 202 1.82 2.51 ALC10a561cc200 680 30x40 238 167 2.10 2.89 ALC10a681cd200 820 35x35 198 139 2.43 3.35 ALC10a821dc200 820 40x30 178 142 3.06 3.63 ALC10a821eb200 1000 30x50 163 114 2.76 3.80 ALC10a102cf200 1000 35x40 163 114 2.81 3.87 ALC10a102dd200 1000 40x35 153 124 3.43 3.99 ALC10a102ec200 1200 35x50 135 82 3.06 4.01 ALC10a122df200 1200 40x40 124 99 4.02 4.69 ALC10a122ed200 1500 35x50 110 77 3.70 5.10 ALC10a152df200 1500 40x45 101 81 4.61 5.38 ALC10a152ee200 1800 40x50 84 68 5.27 6.15 ALC10a182ef200 2200 40x60 67 53 6.29 7.43 ALC10a222eh200 3300 40x80 46 37 7.83 9.17 ALC10a332el200 4700 40x105 45 32 8.08 11.73 ALC10a472ep200 5600 45x105 42 29 8.51 12.16 ALC10g562fp200 8200 50x105 33 25 9.17 11.76 ALC10g822kp200 220 25x30 727 473 0.97 1.41 ALC10a221bb250 270 25x35 593 385 1.13 1.65 ALC10a271bc250 330 30x30 486 316 1.33 1.94 ALC10a331cb250 330 25x35 490 320 1.34 1.95 ALC10a331bc250 330 25x40 486 316 1.31 1.91 ALC10a331bd250 470 30x35 343 223 1.67 2.43 ALC10a471cc250 560 30x40 288 187 1.91 2.78 ALC10a561cd250 680 35x35 238 155 2.22 3.23 ALC10a681dc250 680 30x50 238 155 2.29 3.34 ALC10a681cf250 680 40x30 187 144 2.79 3.56 ALC10a681eb250 820 35x40 198 129 2.55 3.72 ALC10a821dd250 820 40x40 153 116 3.80 4.91 ALC10a821ed250 1000 35x50 163 106 3.26 4.75 ALC10a102df250 1000 40x45 126 96 4.33 5.58 ALC10a102ee250 1200 35x60 140 100 3.76 5.48 ALC10a122dh250 1200 40x50 104 80 4.94 6.37 ALC10a122ef250 1500 40x55 89 69 5.29 6.58 ALC10a152eg250 1800 35x80 100 82 4.60 6.69 ALC10a182dl250 1800 40x60 74 58 5.92 7.34 ALC10a182eh250 2200 40x80 57 43 7.33 9.49 ALC10a222el250 3900 40x105 46 32 7.78 11.71 ALC10a392ep250 4700 45x105 42 29 8.22 12.11 ALC10g472fp250 5600 50x105 38 27 8.63 12.03 ALC10g562kp250 t ermination style a,c,d,e,f ,g,h,j or k * kemet electrolytic capacitors
ALC10 85c a rticle table alc 10 (85c) cap (f) case size (mm) esr (m w ) at 20 c 100h z (max) i mpedance (m w ) at 20 c 10 kh z (max) r ipple current(a ) at 85c t ype number 100 hz 10 khz 350 vdc ( u r ) 400 vdc ( u r ) t ermination style a,c,d,e,f ,g,h,j or k * 120 25x30 1139 736 0.83 1.75 ALC10a121bb350 150 25x35 912 589 0.99 2.07 ALC10a151bc350 180 25x40 761 492 1.13 2.37 ALC10a181bd350 180 30x30 776 506 1.11 2.19 ALC10a181cb350 270 30x35 527 346 1.41 2.65 ALC10a271cc350 330 30x40 432 284 1.65 3.07 ALC10a331cd350 330 40x30 424 277 2.02 3.97 ALC10a331eb350 390 30x50 364 238 1.92 3.65 ALC10a391cf350 390 35x35 386 259 1.82 3.07 ALC10a391dc350 390 40x35 361 236 2.33 4.50 ALC10a391ec350 470 35x40 321 216 2.07 3.47 ALC10a471dd350 470 40x40 299 195 2.69 5.22 ALC10a471ed350 560 35x50 268 180 2.80 4.80 ALC10a561df350 560 40x45 251 164 3.04 5.88 ALC10a561ee350 680 40x50 207 136 3.46 6.65 ALC10a681ef350 820 35x60 190 130 3.40 5.50 ALC10a821dh350 820 40x55 174 114 3.84 7.16 ALC10a821eg350 820 40x60 172 112 3.99 7.67 ALC10a821eh350 1000 35x80 154 104 3.90 6.40 ALC10a102dl350 1200 40x80 119 78 4.95 9.20 ALC10a122el350 1800 40x105 81 54 6.14 10.73 ALC10a182ep350 2700 45x105 63 42 7.00 11.44 ALC10g272fp350 3300 50x105 54 36 7.54 11.57 ALC10g332kp350 100 25x30 1400 943 0.77 1.60 ALC10a101bb400 120 25x35 1166 785 0.90 1.87 ALC10a121bc400 150 30x30 950 645 1.04 2.03 ALC10a151cb400 150 25x40 935 630 1.06 2.18 ALC10a151bd400 180 30x35 791 536 1.20 2.36 ALC10a181cc400 220 30x35 650 400 1.31 2.47 ALC10a221cc400 220 30x40 648 440 1.41 2.74 ALC10a221cd400 270 35x35 547 376 1.61 2.88 ALC10a271dc400 270 40x30 441 284 1.85 3.67 ALC10a271eb400 330 35x35 461 320 1.73 2.92 ALC10a331dc400 330 30x50 438 299 1.82 3.42 ALC10a331cf400 330 35x40 449 309 1.84 3.27 ALC10a331dd400 330 40x35 378 252 2.29 4.21 ALC10a331ec400 390 35x50 377 226 2.19 3.96 ALC10a391df400 390 40x40 312 203 2.62 4.86 ALC10a391ed400 470 35x50 321 223 2.62 4.41 ALC10a471df400 470 40x40 230 156 2.74 5.21 ALC10a471ed400 470 40x45 258 168 3.00 5.49 ALC10a471ee400 560 35x50 278 180 2.57 4.04 ALC10a561df400 560 35x60 264 184 3.01 5.11 ALC10a561dh400 560 40x50 216 141 3.41 6.19 ALC10a561ef400 680 35x60 232 142 2.90 4.73 ALC10a681dh400 680 40x60 177 114 3.99 7.14 ALC10a681eh400 820 35x80 181 127 3.70 6.09 ALC10a821dl400 1000 35x80 112 77 3.98 6.32 ALC10a102dl400 1000 40x80 120 78 5.00 8.82 ALC10a102el400 1500 40x105 99 68 5.79 10.16 ALC10a152ep400 2200 45x105 77 53 6.56 10.90 ALC10g222fp400 2700 50x105 66 45 7.11 11.13 ALC10g272kp400
3 ALC10 85c a rticle table alc 10 (85c) cap (f) case size (mm) esr (m w) at 20 c 100h z (max) i mpedance (m w) at 20 c 10 kh z (max) r ipple current(a ) at 85c t ype number 100 hz 10 khz 450 vdc ( u r ) 500 vdc ( u r ) t ermination style a,c,d,e,f ,g,h,j or k * 68 25x30 1708 1135 0.69 1.50 ALC10a680bb450 100 25x35 1167 777 0.88 1.90 ALC10a101bc450 120 30x30 989 663 1.00 2.03 ALC10a121cb450 120 25x40 973 648 1.01 2.18 ALC10a121bd450 150 25x40 785 524 1.12 2.35 ALC10a151bd450 150 30x30 805 543 1.10 2.12 ALC10a151cb450 150 30x35 792 531 1.17 2.38 ALC10a151cc450 180 30x40 661 443 1.36 2.76 ALC10a181cd450 220 35x35 559 379 1.56 2.89 ALC10a221dc450 220 30x50 540 362 1.61 3.27 ALC10a221cf450 220 40x30 517 311 1.77 3.68 ALC10a221eb450 270 30x50 446 301 1.76 3.43 ALC10a271cf450 270 35x35 470 322 1.68 2.91 ALC10a271dc450 270 35x40 458 311 1.78 3.27 ALC10a271dd450 270 40x35 427 259 2.07 4.22 ALC10a271ec450 330 30x50 373 253 1.91 3.54 ALC10a331cf450 330 35x50 373 253 2.41 4.38 ALC10a331df450 330 40x40 348 210 2.47 4.91 ALC10a331ed450 390 35x50 240 166 2.60 4.41 ALC10a391df450 390 40x45 293 177 2.70 5.53 ALC10a391ee450 470 35x50 252 155 2.43 4.03 ALC10a471df450 470 35x60 270 185 2.95 5.12 ALC10a471dh450 470 40x50 243 147 3.08 6.25 ALC10a471ef450 560 40x60 202 121 3.56 7.04 ALC10a561eh450 680 35x80 190 131 3.61 6.09 ALC10a681dl450 820 40x80 138 83 4.47 8.78 ALC10a821el450 1000 40x80 114 75 4.95 9.32 ALC10a102el450 1200 40x105 103 70 5.57 10.15 ALC10a122ep450 1800 45x105 82 55 6.27 10.87 ALC10g182fp450 2200 50x105 70 47 6.81 11.12 ALC10g222kp450 56 25x30 2207 1642 0.74 1.44 ALC10a560bb500 68 25x35 1816 1351 0.87 1.70 ALC10a680bc500 82 25x40 1507 1120 1.00 1.95 ALC10a820bd500 82 30x30 1527 1140 0.99 1.84 ALC10a820cb500 100 30x30 1000 765 1.08 1.94 ALC10a101cb500 100 30x35 1220 840 1.15 2.16 ALC10a101cc500 120 30x35 1052 786 1.25 2.28 ALC10a121cc500 150 30x40 843 631 1.48 2.67 ALC10a151cd500 180 30x50 699 522 1.78 3.27 ALC10a181cf500 180 35x35 728 549 1.70 2.84 ALC10a181dc500 180 40x30 699 522 1.76 3.22 ALC10a181eb500 220 35x40 596 450 1.96 3.26 ALC10a221dd500 220 40x35 571 426 2.07 3.82 ALC10a221ec500 270 35x50 481 362 2.34 3.97 ALC10a271df500 270 40x40 466 348 2.41 4.42 ALC10a271ed500 330 40x45 382 286 2.74 5.00 ALC10a331ee500 390 35x60 340 258 2.87 4.67 ALC10a391dh500 390 40x50 324 242 3.09 5.59 ALC10a391ef500 470 40x60 269 201 3.56 6.43 ALC10a471eh500 560 35x80 240 182 3.50 5.57 ALC10a561dl500 680 40x80 187 140 4.40 7.77 ALC10a681el500 1000 40x105 130 98 5.43 9.18 ALC10a102ep500 1500 45x105 110 82 5.97 9.76 ALC10g152fp500 1800 50x105 94 70 6.45 10.09 ALC10g182kp500 kemet electrolytic capacitors
ALC10 85c ope rational data operational lifetime please see separate bhc application notes td003 for calculating operational life expectancy under customer specific conditions. the failure rate is derived from our periodic test results. the failure rate ( r ) is therefore only given at test temperature for life tests. an estimation is also given at 40c. the expected failure rate for this capacitor range is based on our periodic test results for capacitors with structural similarity. failure rate is frequently quoted in fit (failures in time) where 1 fit = 1 x 10 -9 failures per hour. reliability me chanical data m ounting position the capacitor can be mounted upright or inclined to a horizontal position. v ibration 10hz to 500hz at 0.75mm or 10g for 3x2hrs duration. 10hz to 55hz at 0.35mm or 5g for 3x0.5hrs duration (45/50mm diameter cans). i nsulating resistance > 100 mohms at 100v d.c., across insulating sleeve. v oltage proof > 2500v d.c., across insulating sleeve. s afety vent a safety vent for over pressure is featured on either the base (opposing end to the terminals) or on the the side of the can. this is in the form of a grooved section on the surface of the can which is a weakened area and is designed to relieve build up of internal pressure due to over stress or catastrophic failure. t a failure rate per hour 85c 250 fit 40c 12 fit failure rate per hour for catastrophic plus parametric failures. statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applic ations, but are not intended to constitute and we specifically disclaim any warranty concerning suitabi lity for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice in ferred from this inform ation or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the ad vice given or results obtained.


▲Up To Search▲   

 
Price & Availability of ALC10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X